PART |
Description |
Maker |
CAT24C00JITE13 CAT24C00LETE13 CAT24C00LITE13 CAT24 |
320 x 240 pixel format, Chip-On-Glass Technology CONNECTOR ACCESSORY From old datasheet system 128-bit Serial EEPROM 128-bit, 100 kHz @ 1.8 V & 400 kHz @ 5.0 V, 5-pin SOT23 Package
|
Catalyst Semiconductor
|
MT4C4M4A1TG-6S MT4C4M4B1TG-6S MT4LC4M4B1TG-6S MT4C |
RF Coaxial Connector Adapter; Convert From:UHF Plug; Convert To:Mini-UHF Jack RoHS Compliant: Yes 内存 DRAM 内存
|
Micron Technology, Inc. http://
|
CS5180-CL |
Modulator & 8 kHz to 400 kHz 16-Bit ADC Modulator & 8 kHz to 400 kHz 16-Bit ADC 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC28
|
Cirrus Logic, Inc.
|
CS5101A/02A |
16-Bit, 100/20-kHz A/D Converters
|
Cirrus Logic
|
BT139 BT139-800E BT139-800G BT139-800H BT139-500 B |
Connector Adapter; Convert From:BNC Coaxial Plug; Convert To:Dual Binding Posts; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Triacs sensitive gate Triacs high noise immunity TRIAC 16A/600V
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AD7875 AD7875BQ AD7875CQ AD7875KN AD7875KP AD7875L |
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
|
AD[Analog Devices]
|
AK5393-VS AKD5393 AK5393 |
24-bit 96K 117dB pro audio ADC ENHANCED DUAL BIT 96 KHZ 24-BIT ADC Enhanced Dual bit 96 kHz 24-bit ADC 增强双位96 kHz4位ADC
|
AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
CS5181-BL CS5181 5181 |
From old datasheet system Modulator & 400 kHz to 625 kHz 16-Bit ADC
|
CIRRUS[Cirrus Logic]
|
RH5RI301B-T1 RH5RI501B-T1 RH5RIXX3B RH5RIXX2B RH5R |
Power Management ICs VFM STEP-UP DC/DC CONVERTER 0.25 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 VFM STEP-UP DC/DC CONVERTER 0.05 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 VFM STEP-UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO5 0.05 A SWITCHING CONTROLLER, 100 kHz SWITCHING FREQ-MAX, PSSO3 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSSO3
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
ADM1176 ADM1176-1ARMZ-R7 ADM1176-2ARMZ-R7 ADM1176E |
Hot Swap Controller and I2C? Power Monitor with Convert Pin Hot Swap Controller and I2C㈢ Power Monitor with Convert Pin
|
Analog Devices
|
TC182B4300EMB723 TC183B5800EMT723 TC181B5800EMB713 |
0.05 A SWITCHING CONTROLLER, 100 kHz SWITCHING FREQ-MAX, PDFP4 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDFP6 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDFP4
|
|
MBM29LV004TC-12 MBM29LV004TC-90PNS MBM29LV004TC-70 |
4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 IC, LN PWR DC2DC CONVERT 48VDC-5VDC 1.2A MFR 4M (512K X 8) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|